|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DOMINANT Semiconductors Innovating Illumination TM DATA SHEET: SPNovaLEDTM InGaN : 50mA SPNovaLED TM Featuring a staggering brilliance and significant flux output, the SPNovaLEDTM showcases the latest technological advent in this range. With its extremely high level of brightness and the ultra low high profile, which is only 1.5 mm are highly suitable for both conventional lighting and specialized application such as automotive signal lights, traffic lights, channel lights, tube lights and garden lights among others. Features: > > > > > > > > > > Super high brightness surface mount LED. High flux output. 120 viewing angle. Compact package outline (LxWxH) of 6.0 x 6.0 x 1.5mm. Ultra low height profile - 1.5 mm. Designed for high current drive; typically 50 mA. Low thermal resistance; Rth (js) = 20 K/W. Qualified according to JEDEC moisture sensitivity Level 2. Compatible to IR reflow soldering. Environmental friendly; RoHS compliance. Applications: > Automotive: exterior applications, eg: Center High Mounted Stop Light (CHMSL), Rear Combination Lights (RCLs), Signal lightting, Fog-lamp, etc. > Communication: indicator and backlight in mobilephone. > Industry: white goods (eg: Oven, microwave, etc.). > Lighting: garden light, architecture lighting, general lighting. etc (c) 2005 SPNovaLED is a trademark of DOMINANT Semiconductors. All rights reserved. Product specifications are subject to change without notice. 1 27/11/2006 V6.0 DOMINANT TM Semiconductors Innovating Illumination SPNovaLED InGaN : 50mA Part Ordering Number N2B-CSS-TU1-1 * N2B-CSS-T1 * N2B-CSS-T2 * N2B-CSS-U1 N2T-CSS-WX1-1 * N2T-CSS-W1 * N2T-CSS-W2 * N2T-CSS-X1 Chip Technology / Color InGaN Blue, 470nm Viewing Angle 120 Luminous Intensity @ IF = 50mA (mcd) 285.0 - 560.0 285.0 - 355.0 355.0 - 450.0 450.0 - 560.0 InGaN True Green, 525nm 120 1125.0 - 2240.0 1125.0 - 1400.0 1400.0 - 1800.0 1800.0 - 2240.0 NOTE 1. Luminous intensity is measured with an accuracy of 11%. 2. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. Wavelength Grouping Color N2B; Blue Group Full W X Y Wavelength distribution (nm) 464 - 476 464 - 468 468 - 472 472 - 476 520 - 536 520 - 524 524 - 528 528 - 532 532 - 536 N2T; True Green Full W X Y Z Dominant wavelength is measured with an accuracy of 1 nm. Electrical Characteristics at Ta=250C Part Number N2B-CSS N2T-CSS Vf @ If = 50 mA Typ. (V) 3.8 3.9 Max. (V) 4.2 4.2 Vr @ Ir = 10 A Min. (V) 5 5 Forward Voltage, Vf is measured with an accuracy of 0.1 V. Optical Characteristics at Ta=25C, if=50mA, Rja=100K/W Part Number N2B-CSS-TU1-1 N2T-CSS-WX1-1 Total Flux @ If=50mA Typ. (mlm) Min. (mlm) 800 3700 900 4600 Intensity @ If=50mA(mcd) Min. Typ. 285 1125 360 1400 2 27/11/2006 V6.0 DOMINANT TM Semiconductors Innovating Illumination SPNovaLED InGaN : 50mA Absolute Maximum Ratings Maximum Value DC forward current Peak pulse current; (tp 10s, Duty cycle = 0.005) Reverse Voltage ESD Threshold (HBM) LED junction temperature Operating temperature Storage temperature Power dissipation 50 200 5 2000 125 -40 ... +100 -40 ... +100 250 Unit mA mA V V C C C mW 3 27/11/2006 V6.0 DOMINANT TM Semiconductors Innovating Illumination SPNovaLED InGaN : 50mA Relative Luminous Flux Vs Forward Current Relative Flux; Normalized at 50mA Relative Luminous Flux, Normalized at 50mA 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 Relative Luminous Intensity Vs Forward Current Relative Intensity, Normalized at 50mA 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 Forward Current, mA Forward Current, mA Forward Current Vs Forward Voltage 80 70 Dominant Wavelength Shift Vs Forward Current 8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 -6 0 60 50 40 30 20 10 0 1.5 2 2.5 3 3.5 4 4.5 5 Dominant Wavelength Shift, nm Forward Current, mA True Green 20 40 60 80 Forward Voltage, V Forward Current, mA Dominant Wavelength Shift Vs Forward Current 30 1.5 Radiation Pattern 20 10 0 1.0 Dominant Wavelength Shift, nm 1 40 0.8 0.5 50 0 Blue 0.6 -0.5 60 70 80 0.4 -1 0.2 -1.5 0 20 40 60 80 90 0 Forward Current, mA 4 27/11/2006 V6.0 Semiconductors Innovating Illumination DOMINANT TM SPNovaLED InGaN : 50mA SPNovaLED * InGaN : 50mA Package Outlines TM 5 27/11/2006 V6.0 DOMINANT TM Semiconductors Innovating Illumination SPNovaLED InGaN : 50mA Recommended Solder Pad 6 27/10/2006 V6.0 DOMINANT TM Semiconductors Innovating Illumination SPNovaLED InGaN : 50mA Taping and orientation * Reels come in quantity of 2000 units. * Reel diameter is 330 mm. 7 27/11/2006 V6.0 DOMINANT TM Semiconductors Innovating Illumination SPNovaLED InGaN : 50mA Packaging Specification 8 27/11/2006 V6.0 DOMINANT TM Semiconductors Innovating Illumination SPNovaLED InGaN : 50mA Packaging Specification Moisture sensitivity level Barcode label DOMINANT Semiconductors LOT NO : lotno ROHS Compliant PB Free S/N : xxx D/C: xxxx PART NO : partno QTY : qty GROUP : group Reel Moisture absorbent material + Moisture indicator The reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag Average 1pc SPNovaLED Weight (gram) Weight (gram) 0.188 0.034 1 completed bag (2000pcs) 800 10 190 10 DOMINANT TM Semiconductors Cardboard Box For SPNovaLED Cardboard Box Size Large TM Dimensions (mm) Empty Box Weight (kg) 1.74 Reel / Box Quantity / Box (pcs) 416 x 516 x 476 20 reels MAX 40,000 MAX 9 27/11/2006 V6.0 DOMINANT TM Semiconductors Innovating Illumination SPNovaLED InGaN : 50mA Recommended Sn-Pb IR-Reflow Soldering Profile Classification Reflow Profile (JEDEC J-STD-020C) 275 250 225 200 Ramp-up 3C/sec max. 235-240C 10-30s Temperature (C) 175 150 125 100 75 50 25 0 50 100 150 200 Preheat 60-120s 360s max Rampdown 6C/sec max. 183C 60-150s Recommended Pb-free Soldering Profile Classification Reflow Profile (JEDEC J-STD-020C) 300 275 250 225 217C Ramp-up 3C/sec max. 255-260C 10-30s Temperature (C) 200 175 150 125 100 75 50 25 0 50 Preheat 60-180s 480s max 100 150 200 Rampdown 6C/sec max. 60-150s Time (sec) 10 27/11/2006 V6.0 DOMINANT TM Semiconductors Innovating Illumination SPNovaLED InGaN : 50mA Revision History Page Subjects New Format Date of Modification 27 Nov 2006 NOTE All the information contained in this document is considered to be reliable at the time of publishing. However, DOMINANT Semiconductors does not assume any liability arising out of the application or use of any product described herein. DOMINANT Semiconductors reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. DOMINANT Semiconductors products are not authorized for use as critical components in life support devices or systems without the express written approval from the Managing Director of DOMINANT Semiconductors. 11 27/11/2006 V6.0 DOMINANT TM Semiconductors Innovating Illumination SPNovaLED InGaN : 50mA About Us DOMINANT Semiconductors is a dynamic Malaysian Corporation that is among the world's leading SMT LED Manufacturers. An excellence - driven organization, it offers a comprehensive product range for diverse industries and applications. Featuring an internationally certified quality assurance acclaim, DOMINANT's extra bright LEDs are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. With extensive industry experience and relentless pursuit of innovation, DOMINANT's state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. More information about DOMINANT Semiconductors can be found on the Internet at http://www.dominant-semi.com. Please contact us for more information: Head Quarter DOMINANT Semiconductors Sdn. Bhd. Lot 6, Batu Berendam, FTZ Phase III, 75350 Melaka, Malaysia Tel: (606) 283 3566 Fax: (606) 283 0566 E-mail: sales@dominant-semi.com DOMINANT China Sales Office DOMINANT Semiconductors (Shenzhen) Co. Ltd. 24B.C Newbaohui Building, No. 1007 West Nanhai Blvd., Nanshan, Shenzhen, China P.C. 518054 Tel: +86 (755) 86031785 / +86 (755) 86031786 Fax: +86 (755) 86031789 E-mail: sales_china@dominant-semi.com DOMINANT Korea Sales Office DOMINANT Semiconductors Korea Inc. 902 Sunil Technopia, 440 Sangdaewon-dong, Jungwon-gu, Sungnam-si, Kyunggi-do, Korea 462726 Tel: 82-31-777-3978 Fax: 82-31-777-3976 E-mail: sales_korea@dominant-semi.com Semiconductors Innovating Illumination DOMINANT TM |
Price & Availability of N2T-CSS-X1 |